PART |
Description |
Maker |
M4-192/96-12VI M4LV-256/128-12AC M4LV-128N/64-10JI |
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC44 EE PLD, 14 ns, PQCC44 PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP44 EE PLD, 14 ns, PBGA256 BGA-256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP100
|
Lattice Semiconductor, Corp.
|
PLDC20RA10 PLDC20RA10-15JC PLDC20RA10-15PC PLDC20R |
Programmable Logic : Programmable Logic Devices Reprogrammable Asynchronous CMOS Logic Device
|
Cypress Semiconductor
|
AT27LV256A AT27LV256A-12 AT27LV256A-12JC AT27LV256 |
High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-SOIC -55 to 125 32K X 8 OTPROM, 70 ns, PQCC32 256K 32K x 8 Low Voltage OTP CMOS EPROM 32K X 8 OTPROM, 90 ns, PDSO28 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-TSSOP -55 to 125 32K X 8 OTPROM, 90 ns, PDSO28 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-SOIC -55 to 125 32K X 8 OTPROM, 150 ns, PDSO28 High Speed CMOS Logic CMOS Programmable Divide-by-N Counter 24-SOIC -55 to 125 32K X 8 OTPROM, 120 ns, PDSO28
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
PALCE16V8H-5JC/5 PALCE16V8H-10PC/4 PALCE16V8H-15PC |
EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PQCC20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PDSO20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PDIP20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 15 ns, PQCC20 KPTC 3C 3#20 SKT PLUG EE PLD, 15 ns, PDIP20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PDSO20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PQCC20 EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE PLD, 7.5 ns, PDIP20 KPT 5C 5#16 SKT RECP KPTC 4C 4#20 PIN PLUG KPT 4C 4#20 PIN PLUG EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
MX26C1000BTC-10 MX26C1000BMC-10 MX26C1000BPC-10 MX |
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:12A; Leaded Process Compatible:Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-On; Contact Current Max:12A; Leaded Process Compatible:Yes 128K X 8 FLASH 12V PROM, 150 ns, PDIP32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 90 ns, PDIP32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 90 ns, PDSO32 1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 128K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
Macronix International Co., Ltd.
|
MX26C512A |
CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
|
Macronix International
|
HN27C256G HN27C256G-17 HN27C256G-25 HN27C256G-20 |
256K (32K x 8-bit) UV EPROM, 200ns 256K (32K x 8-bit) UV EPROM, 250ns 32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM 256K (32K x 8-bit) UV EPROM, 170ns
|
Hitachi Semiconductor
|
Q67120-C850 Q67120-C934 SAB88C166W-5M SAB88C166-5M |
16-Bit CMOS Single-Chip Microcontrollers with/without oscillator prescaler with 32 KByte Flash EPROM High Speed CMOS Logic Quad 2-Input OR Gates 14-SOIC -55 to 125
|
SIEMENS AG
|
MX26L3220 MX26L3220XBI-12 MX26L3220XBI-90 MX26L322 |
32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
|
MCNIX[Macronix International]
|
ST5R25 ST5R33 ST5R50 |
MICROPOWER VFM STPE-UP DC/DC CONVERTER ; No. of Macrocells:64; IC Generic Number:; No. of Outputs:68; Number of Inputs:68; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:32; Package/Case:44-PLCC; Mounting Type:Surface Mount
|
ST Microelectronics
|
M4A3-32_32-10JI M4A3-32_32-10VC M4A3-32_32-10VC48 |
7ns, 3.3V high performance E2 CMOS in-system programmable logic High Performance E 2 CMOS In-System Programmable Logic
|
LATTICE[Lattice Semiconductor]
|
AT27BV4096 AT27BV4096-12JC AT27BV4096-12JI AT27BV4 |
High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-PDIP -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|